Part Number Hot Search : 
20150 B16NS25 STA2058 B3625 MC3303 S2818A MMC334 FDMC561
Product Description
Full Text Search
 

To Download BR230-290A1-28V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  br230 miniature 10 amps ? 4pdt to mil - prf - 83536 specifications general contact arrangement .......................... 4pdt (4 form c) weight ................................ .......................... 3.0 oz approx. designed to meet the requirements of mil - prf - 83536 performance contact rating (note 1): resistive ................................ ... 10 amps @ 28 vdc or 115/208v 400 hz (case grounded) in ductive ................................ 8 amps @ @ 28 vdc or 115/208v 400 hz (case grounded) 2.5 amps @ 115/208v 60 hz (case grounded) motor ................................ ........... 4 amps @ 28 vdc or 115/208v 400 hz (case grounded) 2 amps @ 115/208v 60 hz (case grounded) lamp ................................ .......... 2 amps @ 28 vdc or 115/208v 400 hz (case grounded) 1.5 amps @ 115/208v 60 hz (case grounded) life ..................... 100,000 operations minimum @ rated resistive load, 125 o c pull in power ................................ ............ 500 mw approx. operate/release time: dc coil ac coil 15 ms max 50 ms max excluding bounce time at nominal coil voltage contact bounce time ................................ ....... 1 ms max @ rated contact load, 28 vdc contact voltage drop : before life ............................. 150 mv max @ 10 amps and 6 vdc after life ................................ 175 mv max @ 10 amps and 6 vdc environmental temperature range ............................... - 70 o c to +125 o c vibrati on (note 2) .............................. 0.12" da 10 - 70 hz 30 g's 70 - 3,000 hz shock (operating) (note 2) ......................... 200 g's 6 ms electrical characteristics duty cycle ................................ ........................ continuous insulation resistance ............................... 100 megohms @ 500v 25 o c dielectric strength: sea level: contact to case ................................ ... 1,250 vrms conta ct to coil ................................ ..... 1,250 vrms coil to case ................................ ......... 1,000 vrms across open contacts ........................ 1,250 vrms 80,000 feet: all points ................................ ................. 350 vrms mil - prf - 83536/15 qualified to er level m notes: 1. for other ratings consult the factory. 3. ac coil line fre quency 50 to 400 hz. 2. for applications requiring higher shock and vibration, consult the factory. 14930 e. alondra blvd., la mirada, ca 90638 - 5752 (714) 994 - 6500 fax (714) 994 - 3013 w:2000 rev. 7
------ --------------------------------------------------------------------- relay type --------------------------------------------------- nominal coil resistance ---------------------------------------- terminal style ------------------------------- mounting type ------------------ nominal coil vol tage br230 - 290 c 2 - 28v br230 coil data: model br230 part number br230 - 20()() - 6v br230 - 78()() - 12v br230 - 290()() - 28v br230 - 890()() - 48v br230ac - ()() - 115v (note 3) nominal coil voltage 6 vdc 12 vdc 28 vdc 48 vdc 115 vac maximum coil voltage 8 vdc 15 vdc 29 vdc 59 vdc 122 vac pull in voltage (max @ +125 o c) 4.5 vdc 9 vdc 18 vdc 36 vdc 90 vac drop out voltage (max) 1.8 vdc 3.5 vdc 5.1 vdc 11 vdc 5 - 30 vac coil resistance 10% @ 25 o c 20 ohms 78 ohms 290 ohms 890 ohms i = 0.04 amps schematic terminal views terminal styles mounting codes general notes ? unless otherwise specified, all tests made a t nominal coil voltages, @ 25 o c. ? for special coil variations, switching configurations, terminals styles and mounting types, consult the factory. ? unless otherwise specified, tolerances on decimal dimensions are .010". ? specificatio ns contained herein are subject to change without notice. 14930 e. alondra blvd., la mirada, ca 90638 - 5752 (714) 994 - 6500 fax (714) 994 - 3013 w:2000 rev. 7


▲Up To Search▲   

 
Price & Availability of BR230-290A1-28V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X